Electronic Components Datasheet Search |
|
ULB121 Datasheet(PDF) 2 Page - Unisonic Technologies |
|
ULB121 Datasheet(HTML) 2 Page - Unisonic Technologies |
2 / 4 page ULB121 NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R213-015,C ABSOLUTE MAXIMUM RATING (T A=25°C) PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 600 V Collector-Emitter Voltage VCEO 400 V Emitter-Base Voltage VEBO 6 V DC 300 mA Collector Current Pulse IC 600 mA DC 40 mA Base Current Pulse IB 100 mA Total Power Dissipation (TC=25°C) PD 10 W Junction Temperature TJ 150 °C Storage Temperature TSTG -40 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (T A=25°C, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS Collector-Base Breakdown Voltage BVCBO IC=100µA 600 V Collector-Emitter Breakdown Voltage BVCEO IC=10mA 400 V Emitter-Base Breakdown Voltage BVEBO IE=10µA 6 V Collector Cutoff Current ICBO VCB=550V 10 µA Collector Cutoff Current ICEO VCB=400V 10 µA Emitter Cutoff Current IEBO VEB=6V 10 µA ON CHARACTERISTICS hFE1 VCE=10V, IC=10mA 8 DC Current Gain(Note) hFE2 VCE=10V, IC=50mA 10 36 IC=50mA, IB=10mA 400 Collector-Emitter Saturation Voltage (Note) VCE(SAT) IC=100mA, IB=20mA 750 mV Base-Emitter Saturation Voltage (Note) VBE(SAT) IC=50mA, IB=10mA 1 V Note: Pulse Test : Pulse Width ≤380µs, Duty Cycle≤2% |
Similar Part No. - ULB121 |
|
Similar Description - ULB121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |