Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM6323AYJ12AR Datasheet(PDF) 10 Page - Motorola, Inc

Part # SCM6323AYJ12AR
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323AYJ12AR Datasheet(HTML) 10 Page - Motorola, Inc

Back Button SCM6323AYJ12AR Datasheet HTML 4Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 5Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 6Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 7Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 8Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 9Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 10Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 11Page - Motorola, Inc SCM6323AYJ12AR Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MCM6323A
10
MOTOROLA FAST SRAM
Motorola Memory Prefix
Part Number
Package (YJ = 400 mil SOJ, TS = 44–Lead
TSOP Type II)
Full Commercial Part Numbers — MCM6323AYJ10
MCM6323AYJ12
MCM6323AYJ15
MCM6323AYJ10R
MCM6323AYJ12R
MCM6323AYJ15R
MCM6323ATS10
MCM6323ATS12
MCM6323ATS15
MCM6323ATS10R
MCM6323ATS12R
MCM6323ATS15R
Full Industrial Part Numbers —
SCM6323AYJ10A
SCM6323AYJ12A
SCM6323AYJ15A
SCM6323AYJ10AR
SCM6323AYJ12AR
SCM6323AYJ15AR
SCM6323ATS10A
SCM6323ATS12A
SCM6323ATS15A
SCM6323ATS10AR SCM6323ATS12AR
SCM6323ATS15AR
Shipping Method (R = Tape and Reel,
Blank = Rails for SOJ, Blank = Trays for TSOP)
Speed (10 = 10 ns, 12 = 12 ns, 15 = 15 ns)
MCM 6323A
YJ
XX
X
ORDERING INFORMATION
(Order by Full Part Number)
Temperature (Blank = Commercial, A = Industrial)
X


Similar Part No. - SCM6323AYJ12AR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6341ZP10A MOTOROLA-SCM6341ZP10A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6341ZP12A MOTOROLA-SCM6341ZP12A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6341ZP15A MOTOROLA-SCM6341ZP15A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6323AYJ12AR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com