Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1706Y Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1706Y
Description  4-Pin OptoMOS짰 DC Power SIP Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1706Y Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1706Y Datasheet HTML 1Page - Clare, Inc. CPC1706Y Datasheet HTML 2Page - Clare, Inc. CPC1706Y Datasheet HTML 3Page - Clare, Inc. CPC1706Y Datasheet HTML 4Page - Clare, Inc. CPC1706Y Datasheet HTML 5Page - Clare, Inc. CPC1706Y Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
R02
CPC1706
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Min
Max
Units
Blocking Voltage
-
60
V
P
Reverse Input Voltage
-
5
V
Input control Current
-
50
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Power Dissipation 2
-
1600
mW
Isolation Voltage, Input to Output
-
2500
V
rms
Operational Temperature
-40
+85
°C
Storage Temperature
-40
+125
°C
1 Derate linearly 3.33 mW / ºC
2 Derate linearly 16.667 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
I
F=5mA, Free air
I
L
--
4
A
DC
Peak Load Current
I
F=5mA, t=10ms
I
LPK
--
9
A
On-Resistance 1
I
F=5mA, IL=1A
R
ON
-
0.07
0.09
Ω
Off-State Leakage Current
I
F=0mA, VL=60VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.5
5
ms
Turn-Off
t
off
-
0.085
2
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-75
-
pF
Input Characteristics
Input Control Current
I
L=1A
I
F
-
1.4
5
mA
Input Dropout Current
-
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance Input/Output
f=1MHz
C
I/O
-2
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance (junction to case)
-
RθJC
-
1.5
-
°C/W
Thermal Characteristics


Similar Part No. - CPC1706Y

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1706Y IXYS-CPC1706Y Datasheet
118Kb / 6P
   High Reliability
More results

Similar Description - CPC1706Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
   Power SIP OptoMOS짰 Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1916 CLARE-CPC1916_10 Datasheet
116Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1926 CLARE-CPC1926_10 Datasheet
117Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1981 CLARE-CPC1981_11 Datasheet
110Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com