Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1967 Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC1967
Description  i4-PAC??Power Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1967 Datasheet(HTML) 7 Page - Clare, Inc.

  CPC1967_11 Datasheet HTML 1Page - Clare, Inc. CPC1967_11 Datasheet HTML 2Page - Clare, Inc. CPC1967_11 Datasheet HTML 3Page - Clare, Inc. CPC1967_11 Datasheet HTML 4Page - Clare, Inc. CPC1967_11 Datasheet HTML 5Page - Clare, Inc. CPC1967_11 Datasheet HTML 6Page - Clare, Inc. CPC1967_11 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRELIMINARY
7
www.clare.com
R05
CPC1967
4.5 Mechanical Dimensions
Isolated Heat Sink
1.270 TYP
(0.050 TYP)
NOTE: Back-side heat sink meets 2500V
rms isolation to the pins.
20.879 ± 0.254
(0.822 ± 0.010)
20.396 ± 0.508
(0.803 ± 0.020)
15.240 ± 0.508
(0.600 ± 0.020)
3.810 ± 0.254
(0.150 ± 0.010)
2.362 ± 0.381
(0.093 ± 0.015)
19.914 ± 0.254
(0.784 ± 0.010)
5.029 ± 0.127
(0.198 ± 0.005)
1.181 ± 0.076
(0.047 ± 0.003)
15.317 ± 0.254
(0.603 ± 0.010)
1.930 ± 0.381
(0.076 ± 0.015)
17.221 ± 0.254
(0.678 ± 0.010)
DIMENSIONS
mm
(inches)
0.635 ± 0.076
(0.025 ± 0.003)
2.794 ± 0.127
(0.110 ± 0.005)
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and
product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale,
Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for
a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1967-R05
©Copyright 2011, Clare, Inc.
All rights reserved. Printed in USA.
1/7/2011


Similar Part No. - CPC1967_11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1967J CLARE-CPC1967J Datasheet
145Kb / 6P
   i4-PAC??Power Relay
logo
IXYS Corporation
CPC1967J IXYS-CPC1967J Datasheet
200Kb / 7P
   Low Drive Power Requirements
CPC1967J IXYS-CPC1967J Datasheet
196Kb / 3P
   Power Relay Branding
More results

Similar Description - CPC1967_11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
   i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
   i4-PAC??Power Relay
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
   i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
   i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
   i4-PAC??Power Relay
CPC1978 CLARE-CPC1978 Datasheet
152Kb / 6P
   i4-PAC??Power Relay
CPC1986 CLARE-CPC1986 Datasheet
139Kb / 6P
   i4-PAC??Power Relay
CPC1978J CLARE-CPC1978J Datasheet
236Kb / 5P
   i4-PAC??Power Relay
CPC1908 CLARE-CPC1908_10 Datasheet
886Kb / 7P
   i4-PAC??Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
   i4-PAC??DC Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com