Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-22-R6GHC-A30-2C Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 12-22-R6GHC-A30-2C
Description  Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-22-R6GHC-A30-2C Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 12-22-R6GHC-A30-2C_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 11Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C_11 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
12-22/R6GHC-A30/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 11 of 12
Device No.
Prepared date: 30-Jun-2011
Prepared by: Haizheng Gao
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 12-22-R6GHC-A30-2C_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-R6GHC-A30-2C TO-GRACE-12-22-R6GHC-A30-2C Datasheet
713Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
More results

Similar Description - 12-22-R6GHC-A30-2C_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C Datasheet
301Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22SURSYGC-S530-A3 EVERLIGHT-12-22SURSYGC-S530-A3 Datasheet
262Kb / 11P
   Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-G6R8C-A30-2C TO-GRACE-12-22-G6R8C-A30-2C Datasheet
1Mb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C_11 Datasheet
325Kb / 13P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-BHR6C-A01-2C EVERLIGHT-12-22-BHR6C-A01-2C Datasheet
268Kb / 11P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C Datasheet
148Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C_11 Datasheet
243Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-Y2G6C-A30-2C TO-GRACE-12-22-Y2G6C-A30-2C Datasheet
1,011Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-color)
logo
Everlight Electronics C...
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-R6GHC-A30-2C TO-GRACE-12-22-R6GHC-A30-2C Datasheet
713Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com