Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-22-R6GHC-A30-2C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 12-22-R6GHC-A30-2C
Description  Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-22-R6GHC-A30-2C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 12-22-R6GHC-A30-2C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 10Page - Everlight Electronics Co., Ltd 12-22-R6GHC-A30-2C Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
12-22/R6GHC-A30/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 7 of 12
Device No.
Prepared date: 30-Jun-2011
Prepared by: Haizheng Gao
Typical Electro-Optical Characteristics Curves
GH
Ambient Temperature T (°C )
a
Wavelength λ(nm)
Ta=25°C
Forward Voltage V (V)
F
Forward Current I (mA)
Ta=25°C
Ambient Temperature T (°C
a
)
Ta=25°C
0.5
0.3
0.1
0.7
0.8
0.9
1.0
40°
80°
0.6
0.2
0.4
90°
70°
60°
50°
10°
20°
30°
Ta=25°C


Similar Part No. - 12-22-R6GHC-A30-2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-R6GHC-A30-2C TO-GRACE-12-22-R6GHC-A30-2C Datasheet
713Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
More results

Similar Description - 12-22-R6GHC-A30-2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C Datasheet
301Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22SURSYGC-S530-A3 EVERLIGHT-12-22SURSYGC-S530-A3 Datasheet
262Kb / 11P
   Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-G6R8C-A30-2C TO-GRACE-12-22-G6R8C-A30-2C Datasheet
1Mb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C_11 Datasheet
325Kb / 13P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-BHR6C-A01-2C EVERLIGHT-12-22-BHR6C-A01-2C Datasheet
268Kb / 11P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C Datasheet
148Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
12-22-G6R8C-A30-2C EVERLIGHT-12-22-G6R8C-A30-2C_11 Datasheet
243Kb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-Y2G6C-A30-2C TO-GRACE-12-22-Y2G6C-A30-2C Datasheet
1,011Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-color)
logo
Everlight Electronics C...
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-R6GHC-A30-2C TO-GRACE-12-22-R6GHC-A30-2C Datasheet
713Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com