Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-217-S2C-AL1M2VY-3T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 19-217-S2C-AL1M2VY-3T
Description  0603 Package Chip LED (0.4mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-217-S2C-AL1M2VY-3T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  19-217-S2C-AL1M2VY-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-217-S2C-AL1M2VY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
19-217/S2C-AL1M2VY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 10
Device No:
Prepared date: 1-Jul-2011
Prepared by: Cheng Zheng
Bin Range Of Dom. Wavelength
Group
Bin
Min
Max
Unit
Condition
A
D8
600.5
603.5
nm
IF=5mA
D9
603.5
606.5
D10
606.5
609.5
D11
609.5
612.5
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
L1
11.5
14.5
mcd
IF=5mA
L2
14.5
18.0
M1
18.0
22.5
M2
22.5
28.5
Bin Range Of Forward Voltage
Group
Bin
Min
Max
Unit
Condition
V
19
1.70
1.80
V
IF=5mA
20
1.80
1.90
21
1.90
2.00
22
2.00
2.10
23
2.10
2.20
Notes:
1.Tolerance of Luminous Intensity ±11%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.05V


Similar Part No. - 19-217-S2C-AL1M2VY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-S2C-AL1M2VY-3T EVERLIGHT-19-217-S2C-AL1M2VY-3T Datasheet
215Kb / 10P
   0603 Package Chip LED (0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-217-S2C-AL1M2VY-3T TO-GRACE-19-217-S2C-AL1M2VY-3T Datasheet
606Kb / 10P
   0603 Package Chip LED (0.4mm Height)
More results

Similar Description - 19-217-S2C-AL1M2VY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-Y5C-AQ2R2-3T EVERLIGHT-19-217-Y5C-AQ2R2-3T Datasheet
133Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-217-G7C-AL1M2B-3T EVERLIGHT-19-217-G7C-AL1M2B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-117-BHC-YJ2K2TX-3T EVERLIGHT-19-117-BHC-YJ2K2TX-3T Datasheet
323Kb / 10P
   0603 Package Chip LED (0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-117-BHC-YJ2K2TX-3T TO-GRACE-19-117-BHC-YJ2K2TX-3T Datasheet
784Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-BHC-AN1P2-3T TO-GRACE-19-217-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED(0.4mm Height)
logo
Everlight Electronics C...
19-117-BHC-YJ2K2TX-3T EVERLIGHT-19-117-BHC-YJ2K2TX-3T Datasheet
151Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-R6C-P1Q2-3T EVERLIGHT-19-217-R6C-P1Q2-3T Datasheet
149Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-T1D-ANPHY-3T EVERLIGHT-19-217-T1D-ANPHY-3T Datasheet
165Kb / 11P
   0603 Package Chip LED (0.4mm Height)
19-217-BHC-AN1P2-3T EVERLIGHT-19-217-BHC-AN1P2-3T Datasheet
158Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-217-S3C-AL2N1VY-3T EVERLIGHT-19-217-S3C-AL2N1VY-3T Datasheet
170Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-T1D-JP1Q2QY-3T EVERLIGHT-19-217-T1D-JP1Q2QY-3T Datasheet
204Kb / 12P
   0603 Package Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com