Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-37XXT Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # IRM-37XXT
Description  Infrared Remote-control Receiver Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-37XXT Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  IRM-37XXT_09 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-37XXT_09 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 5 of 10
Device No:SZDMO-037-031
Prepared date:31-August-2007
Prepared by: Liuyan
IRM-37xxT SERIES
Application Circuit:
Carrier frequency is adjusted to
center frequency of each product.
IR TANSMITTER
OUTPUT WAVE FORM
OUTPUT PULSE
OF DEVICE
RC Filter should be connected closely between Vcc pin and GND pin.
Fig.-1 Transmitter Wave Form
D.U.T output Pulse
Duty=0.5
Standard Transmitter
Oscilloscope
Vout
10uF
+5.0± 0.1V
10k
20cm
θ
θ
D.U.T
L: Transmission Distance
Standard Transmitter
GND
Vcc
OUT
Vout
θ: Angle Of Horizontal & Vertical Direction
Fig.-2 Measuring Method
Fig.-3
Measuring System


Similar Part No. - IRM-37XXT_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-37XXT EVERLIGHT-IRM-37XXT Datasheet
287Kb / 10P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-37XXT_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com