Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM04H-P05-45K-N52-TR Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # KM04H-P05-45K-N52-TR
Description  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM04H-P05-45K-N52-TR Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  KM04H-P05-45K-N52-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
3
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Product Nomenclature
The product name is designated as below:
EHP-B05MLG/GT04H-P05/50K/R11/TR
Designation:
EHP-B05=Family name
MLG = Lambertian
GT =Color Code [1]
0 _ H = Quantity of the chip [2]
P05 =Power Consumption[3]
50K = Color bin or CCT bin
R11 = min. luminous flux (lm) or radiation power (mW) performance
TR = Tape and Reel
Notes
1. Code of wavelength of the chip:
Symbol
Color
Dominant wavelength range/Peak wavelength/CCT
RB
Royal Blue
445~460nm
UB
Ultra Blue
460~470nm
SUG
Green
520~540nm
UY
Amber
580~595nm
USO
Ultra Red-Orange
610~620nm
SUR
Super ultra-Red
620~635nm
GRB
RGB full color
SUR+SUG+UB
GT
White, CRI Min 70
4745-7050K
LM
Warm White, CRI Min 70
2580-4745K
KT
White, CRI Min 80
4745-7050K
KM
Warm White, CRI Min 80
2580-4745K
2. Quantity of the chip:
Symbol
Description
2
2 chips
4
4 chips
6
6 chips
8
8 chips
3. Consume the power:
Symbol
Description
P05
5W
P07
7W
P10
10W
Materials
Items
Description
Substrate
PCB with Metal Heat Sink
Housing
Heat resistant polymer
Encapsulating Resin
Silicone resin


Similar Part No. - KM04H-P05-45K-N52-TR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.2105.11 SCHURTER-KM00.2105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results

Similar Description - KM04H-P05-45K-N52-TR

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com