Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL117 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # TIL117
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL117 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  TIL117 Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL117 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000048
Rev. 3
December 28, 2009
TIL11X Series
MCT2X Series
Electrical Characteristics (TA=25℃ unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
TIL111
-
1.22
1.4
IF = 16mA
-
-
1.4
TA=0-70℃, IF = 16mA
-
1.32
-
TA= -55℃, IF = 16mA
TIL117
-
1.1
-
TA=110℃, IF = 16mA
Forward voltage
MCT2
MCT2E
VF
-
1.23
1.5
V
IF = 20mA
Reverse current
IR
-
-
10
µA
VR = 6V
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Base
dark current
ICBO
-
-
20
nA
VCB = 10V
All
-
1
50
nA
VCE = 10V, IF = 0mA
Collector-Emitter dark
current
TIL117
ICEO
-
0.2
50
nA
VCE = 30V, IF = 0mA,
TA=70℃
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 1mA
Collector-Base
breakdown voltage
BVCBO
80
-
-
V
IC = 0.01mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA
Emitter-Base
breakdown voltage
BVEBO
7
-
-
V
IE = 0.1mA
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector current
(Phototransistor
operation)
2
-
-
mA
IF = 16mA ,VCE = 0.4V
Collector current
(Photodiode
operation)
TIL111
IC(ON)
7
-
-
µA
IF = 16mA ,VCB = 0.4V
TIL117
50
-
-
IF = 10mA ,VCE = 10V
Current Transfer
Ratio
MCT2
MCT2E
CTR
20
-
-
%
IF = 10mA ,VCE = 10V


Similar Part No. - TIL117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL117 TI-TIL117 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
logo
ISOCOM COMPONENTS
TIL117 ISOCOM-TIL117 Datasheet
53Kb / 3P
   OPTICALLY COUPLED ISOLATOR HOTOTRANSISTOR OUTPUT
logo
Everlight Electronics C...
TIL117 EVERLIGHT-TIL117 Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL117 ETC2-TIL117 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
TIL117 EVERLIGHT-TIL117 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - TIL117

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-X EVERLIGHT-CNY17-X_10 Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com