Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-01-B84-RFC-D4T1U1DH-AM Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 30-01-B84-RFC-D4T1U1DH-AM
Description  3mm Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01-B84-RFC-D4T1U1DH-AM Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 10Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 11Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 12Page - Everlight Electronics Co., Ltd 30-01-B84-RFC-D4T1U1DH-AM Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
3mm Power LED
Preliminary
30-01-B84-RFC-D4T1U1DH-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:
1.0
Page:
10 of 13
Device No.:
Preliminary
Published date: Aug-6-2009
Created by:
Vicky Feng
Packing Quantity
Packing material
Length × Width × height (mm)
Tube Quantity (Pcs) LED Quantity (Pcs)
Tube
485 x 9.5 x12
1
60
Standard box
510 x 100 x 45
30
1800
Large box
510 x 150 x 90
105
6300
Note:
1. Normal packing specification is use standard box, unless already defined initially.
2. Vacuum packing with anti-static bag after packing in standard box.
3. Specifications are subject to change without prior notice.


Similar Part No. - 30-01-B84-RFC-D4T1U1DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-B84-YSC-A1T1U1DH-AM EVERLIGHT-30-01-B84-YSC-A1T1U1DH-AM Datasheet
797Kb / 13P
   3mm Power LED
More results

Similar Description - 30-01-B84-RFC-D4T1U1DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
   3mm POWER LED
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
R5C-ARTC EVERLIGHT-R5C-ARTC Datasheet
118Kb / 6P
   3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
   3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
36-01-B4C-AKNB EVERLIGHT-36-01-B4C-AKNB Datasheet
172Kb / 7P
   3mm POWER LED
36-01-G4C-ARTB EVERLIGHT-36-01-G4C-ARTB Datasheet
169Kb / 7P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
31-01-Y3C-ARTC EVERLIGHT-31-01-Y3C-ARTC Datasheet
170Kb / 6P
   3mm POWER LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com