Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM6323ATS15AR Datasheet(PDF) 7 Page - Motorola, Inc

Part # SCM6323ATS15AR
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS15AR Datasheet(HTML) 7 Page - Motorola, Inc

Back Button SCM6323ATS15AR Datasheet HTML 3Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 4Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 5Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 6Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 7Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 8Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 9Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 10Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MCM6323A
7
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
P
Sb l
MCM6323A–10
MCM6323A–12
MCM6323A–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
10
12
15
ns
3
Address Setup Time
tAVWL
0
0
0
ns
Address Valid to End of Write
tAVWH
8
9
10
ns
Write Pulse Width
tWLWH,
tWLEH
8
9
10
ns
Byte Pulse Width
tBLWH,
tBLEH
8
9
10
ns
Data Valid to End of Write
tDVWH
4
5
6
ns
Data Hold Time
tWHDX
0
0
0
ns
Write Low to Data High–Z
tWLQZ
0
4
0
5
0
6
ns
4, 5, 6
Write High to Output Active
tWHQX
3
3
3
ns
4, 5, 6
Write Recovery Time
tWHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low, W low, and LB and/or UB low.
2. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycles.
3. All write cycle timings are referenced from the last valid address to the first transitioning address.
4. Transition is measured 200 mV from steady–state voltage.
5. At any given voltage and temperature, tWLQZ max < tWHQX min both for a given device and from device to device.
6. This parameter is sampled and not 100% tested.
WRITE CYCLE 1
(W Controlled)
DATA VALID
tDVWH
tAVWL
tAVWH
tAVAV
tWHAX
tWLWH
tWHDX
tWLQZ
tWHQX
HIGH–Z
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
tWLEH
tBLWH
LB, UB (BYTE ENABLE)
tBLEH


Similar Part No. - SCM6323ATS15AR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6341ZP10A MOTOROLA-SCM6341ZP10A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6341ZP12A MOTOROLA-SCM6341ZP12A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6341ZP15A MOTOROLA-SCM6341ZP15A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6323ATS15AR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com