Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67006-A5179 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67006-A5179
Description  Video Modulator for FM/AM-Audio
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67006-A5179 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67006-A5179 Datasheet HTML 5Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 6Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 7Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 8Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 9Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 10Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 11Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 12Page - Siemens Semiconductor Group Q67006-A5179 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MGM 3000X
Semiconductor Group
9
All remaining
harmonic waves;
multiple of funda-
mental wave of video
carrier, without video
signal, measured with
spectrum analyzer;
f
VC = 523.25-
623.25 MHz; pin 14
open.
a
15
dB
1
Residual carrier
suppression
a
R
32
dB
Ch 30 … 40
3
Signal-to-noise in
video; unmodulated
audio carrier
a
N/V
48
74
dB
Ch 60
4
Interference product
ratio audio in video
AM-modulation
FM-modulation
of audio carrier
a
A/V
a
A/V
49
48
62
60
dB
dB
Ch 60;
m
A =90%
Ch 60;
± 35 kHz
4
4
Unweighted AM
Unweighted FM
Interference level ratio
video in audio
a
V/A
a
V/A
48
48
54
54
dB
dB
Ch 39;
test picture FuBK
Ch 39;
test picture FuBK
5
5
Signal-to-noise ratio
of audio oscillator
a
N/A
a
N/A
48
48
54
54
dB
dB
AM unmodulated
FM video carrier
5
5
Video
Video input current
at pin 12
–I
12
01
µA
C
12 ≤ 100 nF
1
Video input voltage
at pin 12
V
12
0.7
1.4
Vpp
C
12 ≤ 100 nF
1
AC/DC Characteristics (cont’d)
TA =25 °C; VS =12V
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min.
typ.
max.


Similar Part No. - Q67006-A5179

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67006-A5150 SIEMENS-Q67006-A5150 Datasheet
447Kb / 15P
   VHF I / VHF II / UHF-Tuner IC
Q67006-A5152 SIEMENS-Q67006-A5152 Datasheet
327Kb / 14P
   VHF/UHF-Tuner IC
Q67006-A5167 SIEMENS-Q67006-A5167 Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
Q67006-A5198 SIEMENS-Q67006-A5198 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
More results

Similar Description - Q67006-A5179

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
   FM/AM
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
   FM / AM
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
ATMEL Corporation
U2510B ATMEL-U2510B Datasheet
262Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com