Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC02D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74VHC02D
Description  Quad 2-input NOR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74VHC02D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74VHC02D Datasheet HTML 3Page - NXP Semiconductors 74VHC02D Datasheet HTML 4Page - NXP Semiconductors 74VHC02D Datasheet HTML 5Page - NXP Semiconductors 74VHC02D Datasheet HTML 6Page - NXP Semiconductors 74VHC02D Datasheet HTML 7Page - NXP Semiconductors 74VHC02D Datasheet HTML 8Page - NXP Semiconductors 74VHC02D Datasheet HTML 9Page - NXP Semiconductors 74VHC02D Datasheet HTML 10Page - NXP Semiconductors 74VHC02D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74VHC_VHCT02_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 13 August 2009
7 of 14
NXP Semiconductors
74VHC02; 74VHCT02
Quad 2-input NOR gate
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
74VHCT02; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
nA, nB to nY; see Figure 6
[2]
CL = 15 pF
-
3.8
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
5.1
7.5
1.0
8.5
1.0
9.5
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-
8.0
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input to output propagation delays
001aah085
tPHL
tPLH
VM
VM
nY output
nA, nB input
VI
GND
VOH
VOL
Table 8.
Measurement points
Type
Input
Output
VM
VM
74VHC02
0.5VCC
0.5VCC
74VHCT02
1.5 V
0.5VCC


Similar Part No. - 74VHC02D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHC02D NEXPERIA-74VHC02D Datasheet
225Kb / 12P
   Quad 2-input NOR gate
Rev. 2 - 15 April 2020
74VHC02D-Q100 NEXPERIA-74VHC02D-Q100 Datasheet
703Kb / 15P
   Quad 2-input NOR gate
More results

Similar Description - 74VHC02D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com