Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4982_V4 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A4982_V4
Description  DMOS Microstepping Driver with Translator And Overcurrent Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4982_V4 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A4982_V4 Datasheet HTML 5Page - Allegro MicroSystems A4982_V4 Datasheet HTML 6Page - Allegro MicroSystems A4982_V4 Datasheet HTML 7Page - Allegro MicroSystems A4982_V4 Datasheet HTML 8Page - Allegro MicroSystems A4982_V4 Datasheet HTML 9Page - Allegro MicroSystems A4982_V4 Datasheet HTML 10Page - Allegro MicroSystems A4982_V4 Datasheet HTML 11Page - Allegro MicroSystems A4982_V4 Datasheet HTML 12Page - Allegro MicroSystems A4982_V4 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DMOS Microstepping Driver with Translator
And Overcurrent Protection
A4982
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The DAC output reduces the VREF output to the current sense
comparator in precise steps, such that
Itrip = (%ITripMAX /100)
× ITripMAX
(See table 2 for %ITripMAX at each step.)
It is critical that the maximum rating (0.5 V) on the SENSE1 and
SENSE2 pins is not exceeded.
Fixed Off-Time. The internal PWM current control circuitry
uses a one-shot circuit to control the duration of time that the
DMOS FETs remain off. The off-time, tOFF, is determined by the
ROSC terminal. The ROSC terminal has three settings:
▪ ROSC tied to VDD — off-time internally set to 30 μs, decay
mode is automatic Mixed decay except when in full step where
decay mode is set to Slow decay
▪ ROSC tied directly to ground — off-time internally set to
30 μs, current decay is set to Mixed decay for both increasing
and decreasing currents, except in full step where decay mode
is set to Slow decay. (See Low Current Microstepping section.)
▪ ROSC through a resistor to ground — off-time is determined
by the following formula , the decay mode is automatic Mixed
decay for all step modes.
tOFF ≈ ROSC ⁄ 825
Where tOFF is in μs.
Blanking. This function blanks the output of the current sense
comparators when the outputs are switched by the internal current
control circuitry. The comparator outputs are blanked to prevent
false overcurrent detection due to reverse recovery currents of the
clamp diodes, and switching transients related to the capacitance
of the load. The blank time, tBLANK (μs), is approximately
tBLANK ≈ 1 μs
Shorted-Load and Short-to-Ground Protection.
If the motor leads are shorted together, or if one of the leads is
shorted to ground, the driver will protect itself by sensing the
overcurrent event and disabling the driver that is shorted, protect-
ing the device from damage. In the case of a short-to-ground, the
device will remain disabled (latched) until the S¯¯L¯¯E¯¯E¯¯P¯ input goes
high or VDD power is removed. A short-to-ground overcurrent
event is shown in figure 4.
When the two outputs are shorted together, the current path is
through the sense resistor. After the blanking time (
≈1 μs) expires,
the sense resistor voltage is exceeding its trip value, due to the
overcurrent condition that exists. This causes the driver to go into
a fixed off-time cycle. After the fixed off-time expires the driver
turns on again and the process repeats. In this condition the driver
is completely protected against overcurrent events, but the short
is repetitive with a period equal to the fixed off-time of the driver.
This condition is shown in figure 5.
If the driver is operating in Mixed decay mode, it is normal for
the positive current to spike, due to the bridge going in the for-
ward direction and then in the negative direction, as a result of the
direction change implemented by the Mixed decay feature. This
is shown in figure 6. In both instances the overcurrent circuitry is
protecting the driver and prevents damage to the device.
Charge Pump (CP1 and CP2). The charge pump is used to
generate a gate supply greater than that of VBB for driving the
source-side FET gates. A 0.1 μF ceramic capacitor, should be
connected between CP1 and CP2. In addition, a 0.1 μF ceramic
capacitor is required between VCP and VBB, to act as a reservoir
for operating the high-side FET gates.
Capacitor values should be Class 2 dielectric ±15% maximum,
or tolerance R, according to EIA (Electronic Industries Alliance)
specifications.
VREG (VREG). This internally-generated voltage is used to
operate the sink-side FET outputs. The nominal output voltage
of the VREG terminal is 7 V. The VREG pin must be decoupled
with a 0.22 μF ceramic capacitor to ground. VREG is internally
monitored. In the case of a fault condition, the FET outputs of the
A4982 are disabled.
Capacitor values should be Class 2 dielectric ±15% maximum,
or tolerance R, according to EIA (Electronic Industries Alliance)
specifications.
Enable Input (¯E¯¯N¯¯A¯¯B¯¯L¯¯E¯). This input turns on or off all of the
FET outputs. When set to a logic high, the outputs are disabled.
When set to a logic low, the internal control enables the outputs as
required. The translator inputs STEP, DIR, MS1, and MS2, as well
as the internal sequencing logic, all remain active, independent of
the ¯E¯¯N¯¯A¯¯B¯¯L¯¯E¯ input state.
Shutdown. In the event of a fault, overtemperature (excess TJ)
or an undervoltage (on VCP), the FET outputs of the A4982 are
disabled until the fault condition is removed. At power-on, the
UVLO (undervoltage lockout) circuit disables the FET outputs
and resets the translator to the Home state.


Similar Part No. - A4982_V4

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982SET-T ALLEGRO-A4982SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4982SETTR-T ALLEGRO-A4982SETTR-T Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4982SLP-T ALLEGRO-A4982SLP-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4982SLPTR-T ALLEGRO-A4982SLPTR-T Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
More results

Similar Description - A4982_V4

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4988 ALLEGRO-A4988 Datasheet
377Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com