Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136S1(TA)-V Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 6N136S1(TA)-V
Description  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N136S1(TA)-V Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  6N136S1(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N136S1(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
5
http://www.everlight.com
Document No
:DPC-0000112
Rev.1
October 4, 2011
6N135 6N136
EL450X series
Switching Characteristics (TA=0 to 70°C unless specified otherwise, IF=16mA, Vcc=5V)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Conditions
Propagation
Delay Time to
Logic Low
(Fig.8)
6N135
TPHL
-
0.35
1.5
µs
RL=4.1K , TA=25°C
-
-
2.0
RL=4.1K
6N136
EL4502
EL4503
-
0.35
0.8
RL=1.9K , TA=25°C
-
-
1.0
RL=1.9K
Propagation
Delay Time to
Logic High
(Fig.8)
6N135
TPLH
-
0.5
1.5
µs
RL=4.1K , TA=25°C
-
-
2.0
RL=4.1K
6N136
EL4502
EL4503
-
0.3
0.8
RL=1.9K , TA=25°C
-
-
1.0
RL=1.9K
Common Mode
Transient
Immunity at
Logic High
(Fig.9)
*3
6N135
CMH
1,000
-
-
V/µs
IF = 0mA , VCM=10Vp-p,
RL=4.1K , TA =25°C
6N136
EL4502
1,000
-
-
IF = 0mA , VCM=10Vp-p,
RL=1.9K , TA =25°C
EL4503
15000
20000
-
IF = 0mA , VCM=1500Vp-p,
RL=1.9K , TA =25°C
Common Mode
Transient
Immunity at
Logic Low
(Fig.9)*3
6N135
CML
1,000
-
-
V/µs
IF = 16mA , VCM=10Vp-p,
RL=4.1K , TA =25°C
6N136
EL4502
1,000
-
-
IF = 16mA , VCM=10Vp-p,
RL=1.9K , TA=25°C
EL4503
15000
20000
-
IF = 0mA , VCM=1500Vp-p,
RL=1.9K , TA =25°C
* Typical values at TA = 25°C


Similar Part No. - 6N136S1(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N136S1(TA)-V EVERLIGHT-6N136S1(TA)-V Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
More results

Similar Description - 6N136S1(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
   8 PIN SOP HIGH SPEED 1Mbit/s
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com