Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELCOB-P30MC Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELCOB-P30MC
Description  High Power COB & High CRI LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELCOB-P30MC Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELCOB-P30MC Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELCOB-P30MC Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DATASHEET
COB
12W Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: 0x.0x.2012. Issue No: DHE-000
www.everlight.com
Warm White Bin Structure
Warm White Bin Coordinates
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
27K-1
0.469
0.429
27K-2
0.456
0.426
0.459
0.410
0.447
0.408
0.470
0.413
0.459
0.410
0.481
0.432
0.469
0.429
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
27K-4
0.459
0.410
27K-3
0.447
0.408
0.448
0.392
0.437
0.389
0.459
0.394
0.448
0.392
0.470
0.413
0.459
0.410
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Notes:
1.
Color coordinates measurement allowance : ±0.01


Similar Part No. - ELCOB-P30MC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
More results

Similar Description - ELCOB-P30MC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
logo
CITIZEN ELECTRONICS CO....
CLU700-1002B8 CITIZEN-CLU700-1002B8 Datasheet
747Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU720-1206B8 CITIZEN-CLU720-1206B8 Datasheet
759Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU710-1204B8 CITIZEN-CLU710-1204B8 Datasheet
746Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU730-1210B8 CITIZEN-CLU730-1210B8 Datasheet
731Kb / 15P
   CITILED COB Series High intensity High CRI Type
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Lite-On Technology Corp...
LTPL-M02 LITEON-LTPL-M02 Datasheet
1Mb / 24P
   LED HIGH POWER CoB Product Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com