Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD213 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # ELD213
Description  8 PIN SOP PHOTOTRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD213 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button ELD213 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELD213 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-04-29 16:43:33.0
8 PIN SOP PHOTOTRANSISTOR
DUAL CHANNEL PHOTOCOUPLER
Everlight Electronics Co., Ltd.
10
http:\\www.everlight.com
Document No:DPC-0000024
Rev.3
March 18, 2011
ELD20X_21X Series
Solder Reflow Temperature Profile
TIME (S)
150
C
1-3
C/Sec Max
60 – 120 Sec
200
C
217
C
>255
C (30s Max)
1-3
C/Sec Max
60 – 100 Sec
260
C (peak)


Similar Part No. - ELD213

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD213 EVERLIGHT-ELD213 Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD213 EVERLIGHT-ELD213 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD213 EVERLIGHT-ELD213 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD213(TA) EVERLIGHT-ELD213(TA) Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD213(TB) EVERLIGHT-ELD213(TB) Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
More results

Similar Description - ELD213

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL20X EVERLIGHT-EL20X Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_13 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com