Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD217 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELD217
Description  8 PIN SOP PHOTOTRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD217 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELD217 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELD217 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-04-29 16:43:33.0
8 PIN SOP PHOTOTRANSISTOR
DUAL CHANNEL PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-0000024
Rev.3
March 18, 2011
ELD20X_21X Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.5
V
IF = 10mA
Reverse current
IR
-
0.1
100
µA
VR = 6V
Input capacitance
Cin
-
25
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter dark current
ICEO
-
5.0
50
nA
VCE = 10V, IF = 0mA
Collector-Emitter breakdown
voltage
BVCEO
80
-
-
V
IC = 0.1mA
Emitter-Collector breakdown
voltage
BVECO
7
-
-
V
IE = 0.1mA
Collector-Emitter capacitance
CCE
-
10
-
pF
VCE = 0V, f = 1MHz
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
ELD205
40
-
80
ELD206
63
-
125
ELD207
100
-
200
ELD211
20
-
-
Current Transfer Ratio
ELD213
CTR
100
-
-
%
IF = 10mA ,VCE = 5V
ELD205
13
30
-
ELD206
22
45
-
ELD207
34
70
-
Current Transfer Ratio
ELD217
CTR
100
120
-
%
IF = 1mA ,VCE = 5V
Collector-emitter
saturation voltage
VCE(sat)
-
-
0.4
V
IF = 10mA , IC = 2.5mA
Isolation resistance
RIO
-
10
11
-
VIO = 500Vdc
Input-output capacitance
CIO
-
0.5
-
pF
VIO = 0, f = 1MHz
Turn-on time
Ton
-
5.0
-
Turn-off time
Toff
-
4.0
-
Rise time
Tr
-
1.6
-
Fall time
Tf
-
2.2
-
µs
VCC = 5V,
IC = 2mA, RL = 100
* Typical values at Ta = 25°C


Similar Part No. - ELD217

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD217 EVERLIGHT-ELD217 Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD217 EVERLIGHT-ELD217 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD217 EVERLIGHT-ELD217 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD217(TA) EVERLIGHT-ELD217(TA) Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD217(TB) EVERLIGHT-ELD217(TB) Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
More results

Similar Description - ELD217

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL20X EVERLIGHT-EL20X Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_13 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com