Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM3042 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELM3042
Description  4 PIN SOP ZERO CROSS TRIAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM3042 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELM3042 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM3042 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 20:59:54.0
4 PIN SOP ZERO CROSS TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http:\\www.everlight.com
Document No:DPC-0000080
Rev. 1
November 25, 2010
ELM304X Series
ELM306X Series
ELM308X Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
Peak forward current (1us pulse,
300pps)
IF(PK)
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
100
mW
M304X
400
M306X
600
Off-state Output
Terminal Voltage
M308X
VDRM
800
V
On state RMS Current
IT(RMS)
70
mA(RMS)
Output
Power dissipation
PD
300
mW
Isolation voltage
*1
Viso
3750
V rms
Operating temperature
Topr
-40~+110
°C
Storage temperature
Tstg
-55~+150
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6
are shorted together.
*2 For 10 seconds.


Similar Part No. - ELM3042

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM304 ELM-ELM304 Datasheet
28Kb / 4P
   NTSC Video Generator
ELM304 ELM-ELM304 Datasheet
54Kb / 6P
   NTSC Video Generator
ELM304DSB ELM-ELM304DSB Datasheet
28Kb / 4P
   NTSC Video Generator
ELM304P ELM-ELM304P Datasheet
28Kb / 4P
   NTSC Video Generator
ELM304P ELM-ELM304P Datasheet
54Kb / 6P
   NTSC Video Generator
More results

Similar Description - ELM3042

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM304X EVERLIGHT-ELM304X_16 Datasheet
1Mb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELM304X EVERLIGHT-ELM304X_13 Datasheet
903Kb / 12P
   4 PIN SOP ZERO-CROSS TRIAC PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
   OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com