Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-322USOWA-S530-A4 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELS-322USOWA-S530-A4
Description  0.3" Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-322USOWA-S530-A4 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELS-322USOWA-S530-A4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-322USOWA-S530-A4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-322USOWA-S530-A4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-322USOWA-S530-A4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-322USOWA-S530-A4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-322USOWA-S530-A4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-322USOWA-S530-A4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:29.0
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.3" Single Digit Displays
ELS-322USOWA/S530-A4
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
4.0
----
mcd
IF=2mA
Luminous
7.8
17.6
----
mcd
IF=10mA
----
1.0
----
mcd
IF=2mA
2.0
4.0
----
mcd
IF=10mA
Peak Wavelength
λp
----
621
----
nm
IF=20mA
Dominant Wavelength
λd
----
615
----
nm
IF=20mA
△λ
----
18
----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 3 of 6
Device Number :CDDS-322-019
Prepared date:2008/4/10
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point


Similar Part No. - ELS-322USOWA-S530-A4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-322USOWA EVERLIGHT-ELS-322USOWA Datasheet
114Kb / 6P
   0.3 Single Digit Displays
ELS-322USOWA/S530-A3 EVERLIGHT-ELS-322USOWA/S530-A3 Datasheet
114Kb / 6P
   0.3 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com