Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE11A-G Datasheet(PDF) 5 Page - Comchip Technology

Part # 1.5KE11A-G
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE11A-G Datasheet(HTML) 5 Page - Comchip Technology

  1.5KE11A-G Datasheet HTML 1Page - Comchip Technology 1.5KE11A-G Datasheet HTML 2Page - Comchip Technology 1.5KE11A-G Datasheet HTML 3Page - Comchip Technology 1.5KE11A-G Datasheet HTML 4Page - Comchip Technology 1.5KE11A-G Datasheet HTML 5Page - Comchip Technology 1.5KE11A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1500W Transient Voltage Suppressor
Page 5
QW-BTV07
REV:B
B
Taping Specification For Axial Lead Diodes
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
D
D
Do
D1
W0
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
B
Z
T
E
10.00 ± 0.50
52.00 ± 0.50
6.00 ± 0.40
1.20 (max)
1.00 (max)
2.047 ± 0.020
0.394 ± 0.020
0.047 (max)
0.236 ± 0.016
0.039 (max)
A
SYMBOL
(mm)
(inch)
DO-201
L
W
H
75.00
2.953
145.00
5.709
260.00
10.236
D
330.00
13.000
D1
D0
85.70 ± 0.30
3.374 ± 0.012
16.60 ± 0.40
0.654 ± 0.016
W0
72.00 ± 3.00
2.835 ± 0.118
(inch)
(mm)
DO-201
SYMBOL


Similar Part No. - 1.5KE11A-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE11A-G COMCHIP-1.5KE11A-G Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
More results

Similar Description - 1.5KE11A-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com