Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846BW-G Datasheet(PDF) 5 Page - Comchip Technology

Part # BC846BW-G
Description  Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC846BW-G Datasheet(HTML) 5 Page - Comchip Technology

  BC846BW-G Datasheet HTML 1Page - Comchip Technology BC846BW-G Datasheet HTML 2Page - Comchip Technology BC846BW-G Datasheet HTML 3Page - Comchip Technology BC846BW-G Datasheet HTML 4Page - Comchip Technology BC846BW-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QW-BTR35
Comchip Technology CO., LTD.
Page 5
REV:A
Suggested PAD Layout
SIZE
(inch)
0.031
(mm)
0.80
1.30
1.94
0.051
0.076
SOT-323
2.74
0.108
A
B
C
D
Part Number
BC846AW-G
Marking Code
1A
Marking Code
BC847AW-G
1E
BC848AW-G
1J
XX
3
1
2
xx = Product type marking code
BC846BW-G
1B
BC847BW-G
1F
BC848BW-G
1K
BC847CW-G
1G
BC848CW-G
1L
A
C
B
D
Standard Packaging
Case Type
SOT-323
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Small Signal Transistor


Similar Part No. - BC846BW-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BC846BW-G COMCHIP-BC846BW-G Datasheet
129Kb / 6P
   Small Signal Transistor
More results

Similar Description - BC846BW-G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com