Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846BW-G Datasheet(PDF) 3 Page - Comchip Technology

Part # BC846BW-G
Description  Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC846BW-G Datasheet(HTML) 3 Page - Comchip Technology

  BC846BW-G Datasheet HTML 1Page - Comchip Technology BC846BW-G Datasheet HTML 2Page - Comchip Technology BC846BW-G Datasheet HTML 3Page - Comchip Technology BC846BW-G Datasheet HTML 4Page - Comchip Technology BC846BW-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristic Curves (BC846AW-G Thru. BC848CW-G)
IC, Collector Current (mA)
200
10
1
0.2
Fig.1 Normalized DC Current Gain
0.2
1.0
2.0
0.1
Fig.2 Saturation and On voltage
0
0.2
0.4
0.6
1
1
IB, Base Current (mA)
0.01
Fig.3 Collector Saturation Region
0
1.2
2
1
20
Fig.4 Base-Emitter Temperature Coefficient
2.4
0.8
Comchip Technology CO., LTD.
Page 3
REV:A
10
100
0.1
10
100
2.8
0.1
1
1.6
0.8
10
Small Signal Transistor
QW-BTR35
100
O
TA=25 C
VCE=10V
IC, Collector Current (mAdc)
VCE(SAT)@IC/IB=10
VBE(ON)@VCE=10V
VBE(SAT)@IC/IB=10
0.4
0.8
1.6
IC, Collector Current (mA)
2.0
1.2
O
-55 to +125 C
VR, Reverse Voltage (V)
0.4
Fig.5 Capacitance
1
1
10
40
10
O
TA=25 C
Cib
Cob
O
TA=25 C
IC, Collector Current (mA)
0.5
Fig.6 Current Gain Bandwidth Product
20
1
10
50
400
100
O
TA=25 C
VCE=10V


Similar Part No. - BC846BW-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BC846BW-G COMCHIP-BC846BW-G Datasheet
129Kb / 6P
   Small Signal Transistor
More results

Similar Description - BC846BW-G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com