Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110-G Datasheet(PDF) 3 Page - Comchip Technology

Part # 1.5KE110-G
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE110-G Datasheet(HTML) 3 Page - Comchip Technology

  1.5KE110-G Datasheet HTML 1Page - Comchip Technology 1.5KE110-G Datasheet HTML 2Page - Comchip Technology 1.5KE110-G Datasheet HTML 3Page - Comchip Technology 1.5KE110-G Datasheet HTML 4Page - Comchip Technology 1.5KE110-G Datasheet HTML 5Page - Comchip Technology 1.5KE110-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1500W Transient Voltage Suppressor
Page 3
QW-BTV07
REV:B
MIN.(V)
MAX.(V)
1.5KE6.8(C)-G
6.12
7.48
10
5.5
1000
138.89
10.8
1.5KE6.8(C)A-G
6.46
7.14
10
5.8
1000
142.86
10.5
1.5KE7.5(C)-G
6.75
8.25
10
6.1
500
128.21
11.7
1.5KE7.5(C)A-G
7.13
7.88
10
6.4
500
132.74
11.3
1.5KE8.2(C)-G
7.38
9.02
10
6.6
200
120.00
12.5
1.5KE8.2(C)A-G
7.79
8.61
10
7.0
200
123.97
12.1
1.5KE9.1(C)-G
8.19
10.01
1.0
7.4
50
108.70
13.8
1.5KE9.1(C)A-G
8.65
9.56
1.0
7.8
50
111.94
13.4
1.5KE10(C)-G
9.00
11.00
1.0
8.1
10
100.00
15.0
1.5KE10(C)A-G
9.50
10.50
1.0
8.6
10
103.45
14.5
1.5KE11(C)-G
9.90
12.10
1.0
8.9
5.0
92.59
16.2
1.5KE11(C)A-G
10.45
11.55
1.0
9.4
5.0
96.15
15.6
1.5KE12(C)-G
10.80
13.20
1.0
9.7
5.0
86.71
17.3
1.5KE12(C)A-G
11.40
12.60
1.0
10.2
5.0
89.82
16.7
1.5KE13(C)-G
11.70
14.30
1.0
10.5
5.0
78.95
19.0
1.5KE13(C)A-G
12.35
13.65
1.0
11.1
5.0
82.42
18.2
1.5KE15(C)-G
13.50
16.50
1.0
12.1
5.0
68.18
22.0
1.5KE15(C)A-G
14.25
15.75
1.0
12.8
5.0
70.75
21.2
1.5KE16(C)-G
14.40
17.60
1.0
12.9
5.0
63.83
23.5
1.5KE16(C)A-G
15.20
16.80
1.0
13.6
5.0
66.67
22.5
1.5KE18(C)-G
16.20
19.80
1.0
14.5
5.0
56.60
26.5
1.5KE18(C)A-G
17.10
18.90
1.0
15.3
5.0
59.52
25.2
1.5KE20(C)-G
18.00
22.00
1.0
16.2
5.0
51.55
29.1
1.5KE20(C)A-G
19.00
21.00
1.0
17.1
5.0
54.15
27.7
1.5KE22(C)-G
19.80
24.20
1.0
17.8
5.0
47.02
31.9
1.5KE22(C)A-G
20.90
23.10
1.0
18.8
5.0
49.02
30.6
1.5KE24(C)-G
21.60
26.40
1.0
19.4
5.0
43.23
34.7
1.5KE24(C)A-G
22.80
25.20
1.0
20.5
5.0
45.18
33.2
1.5KE27(C)-G
24.30
29.70
1.0
21.8
5.0
38.36
39.1
1.5KE27(C)A-G
25.65
28.35
1.0
23.1
5.0
40.00
37.5
1.5KE30(C)-G
27.00
33.00
1.0
24.3
5.0
34.48
43.5
1.5KE30(C)A-G
28.50
31.50
1.0
25.6
5.0
36.23
41.4
1.5KE33(C)-G
29.70
36.30
1.0
26.8
5.0
31.45
47.7
1.5KE33(C)A-G
31.35
34.65
1.0
28.2
5.0
32.82
45.7
1.5KE36(C)-G
32.40
39.60
1.0
29.1
5.0
28.85
52.0
1.5KE36(C)A-G
34.20
37.80
1.0
30.8
5.0
30.06
49.9
1.5KE39(C)-G
35.10
42.90
1.0
31.6
5.0
26.60
56.4
1.5KE39(C)A-G
37.05
40.95
1.0
33.3
5.0
27.83
53.9
1.5KE43(C)-G
38.70
47.30
1.0
34.8
5.0
24.23
61.9
1.5KE43(C)A-G
40.85
45.15
1.0
36.8
5.0
25.30
59.3
1.5KE47(C)-G
42.30
51.70
1.0
38.1
5.0
22.12
67.8
1.5KE47(C)A-G
44.65
49.35
1.0
40.2
5.0
23.15
64.8
1.5KE51(C)-G
45.90
56.10
1.0
41.3
5.0
20.41
73.5
Part No.
Maximum
Clamping
Voltage
Vc(V)
IT(mA)
VBR (V) @ IT
Breakdown Voltage
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Leakage
at VRWM
IR (uA)
Maximum
Reverse
Surge
IPP(A)
1.5KE51(C)A-G
48.45
53.55
1.0
43.6
5.0
21.40
70.1
1.5KE56(C)-G
50.40
61.60
1.0
45.4
5.0
18.63
80.5
1.5KE56(C)A-G
53.20
58.80
1.0
47.8
5.0
19.48
77.0
1.5KE62(C)-G
55.80
68.20
1.0
50.2
5.0
16.85
89.0
1.5KE62(C)A-G
58.90
65.10
1.0
53.0
5.0
17.65
85.0
Electrical Characteristics (
)
1.5KE6.8-G Thru. 1.5KE600-G
Current
UNI
BI
Marking Code
1.5KE6.8
1.5KE6.8C
1.5KE6.8A
1.5KE7.5
1.5KE7.5A
1.5KE8.2
1.5KE8.2A
1.5KE9.1
1.5KE9.1A
1.5KE6.8CA
1.5KE7.5C
1.5KE7.5CA
1.5KE8.2C
1.5KE8.2CA
1.5KE9.1C
1.5KE9.1CA
1.5KE10
1.5KE10A
1.5KE11
1.5KE11A
1.5KE12
1.5KE12A
1.5KE13
1.5KE13A
1.5KE15
1.5KE15A
1.5KE16
1.5KE16A
1.5KE18
1.5KE18A
1.5KE20
1.5KE20A
1.5KE22
1.5KE22A
1.5KE24
1.5KE24A
1.5KE27
1.5KE27A
1.5KE30
1.5KE30A
1.5KE33
1.5KE33A
1.5KE36
1.5KE36A
1.5KE39
1.5KE39A
1.5KE43
1.5KE43A
1.5KE47
1.5KE47A
1.5KE51
1.5KE51A
1.5KE56
1.5KE56A
1.5KE62
1.5KE62A
1.5KE10C
1.5KE10CA
1.5KE11C
1.5KE11CA
1.5KE12C
1.5KE12CA
1.5KE13C
1.5KE13CA
1.5KE15C
1.5KE15CA
1.5KE16C
1.5KE16CA
1.5KE18C
1.5KE18CA
1.5KE20C
1.5KE20CA
1.5KE22C
1.5KE22CA
1.5KE24C
1.5KE24CA
1.5KE27C
1.5KE27CA
1.5KE30C
1.5KE30CA
1.5KE33C
1.5KE33CA
1.5KE36C
1.5KE36CA
1.5KE39C
1.5KE39CA
1.5KE43C
1.5KE43CA
1.5KE47C
1.5KE47CA
1.5KE51C
1.5KE51CA
1.5KE56C
1.5KE56CA
1.5KE62C
1.5KE62CA


Similar Part No. - 1.5KE110-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE110-C COMCHIP-1.5KE110-C Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
1.5KE110-LF SIRECT-1.5KE110-LF Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE110-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com