Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSWD-XX1CX Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # ELSWD-XX1CX
Description  Small package with high efficiency
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSWD-XX1CX Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button ELSWD-XX1CX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 13Page - Everlight Electronics Co., Ltd ELSWD-XX1CX Datasheet HTML 14Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DATASHEET
SMD HP Shwo(D)
1W Series
10
Copyright © 2012, Everlight All Rights Reserved. Release Date: 01.12.2012 Issue No:DHE-0001766
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Coordinates
3000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
30K-1
0.443
0.421
30K-2
0.430
0.417
0.435
0.403
0.422
0.399
0.447
0.408
0.435
0.403
0.456
0.426
0.443
0.421
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
30K-4
0.435
0.403
30K-3
0.422
0.399
0.426
0.385
0.415
0.381
0.437
0.389
0.426
0.385
0.447
0.408
0.435
0.403
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Note:
Currently available typical CCT ranges are 3000K, 5700K, CCT.


Similar Part No. - ELSWD-XX1CX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSWD-F81M1-1LPHE-C2700 EVERLIGHT-ELSWD-F81M1-1LPHE-C2700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-F91M1-1LPHE-C3000 EVERLIGHT-ELSWD-F91M1-1LPHE-C3000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-F91M1-1LPHE-C3500 EVERLIGHT-ELSWD-F91M1-1LPHE-C3500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
More results

Similar Description - ELSWD-XX1CX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com