Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBD2020-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBD2020-HF
Description  Chip Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD2020-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBD2020-HF Datasheet HTML 1Page - Comchip Technology CDBD2020-HF Datasheet HTML 2Page - Comchip Technology CDBD2020-HF Datasheet HTML 3Page - Comchip Technology CDBD2020-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:A
Comchip Technology CO., LTD.
Chip Schottky Barrier Rectifiers
QW-JB014
B
C
d
D
D2
D1
TO-263/D2PAK
SYMBOL
A
(mm)
(inch)
1.969 MIN.
16.00 ± 0.10
1.50 ± 0.10
50.0 MIN.
13.0 ± 0.50
4.00 ± 0.10
2.00 ± 0.10
24.00 ± 0.30
30.00 ± 1.0
330.00 ± 2.00
0.059 ± 0.004
13.00 ± 0.079
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.945 ± 0.012
0.630 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
1.181 ± 0.039
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
11.50 ± 0.10
0.453 ± 0.004
TO-263/D2PAK
10.70 ± 0.10
0.421 ± 0.004
16.30 ± 0.10
0.642 ± 0.004
5.10 ± 0.10
0.201 ± 0.004
0.23 ± 0.10
T
0.009 ± 0.004
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
D1
D2
D
W1


Similar Part No. - CDBD2020-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
More results

Similar Description - CDBD2020-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com