Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT3023S(TA)-V Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # ELT3023S(TA)-V
Description  4 PIN DIP RANDOM-PHASE TRIAC DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT3023S(TA)-V Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button ELT3023S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELT3023S(TA)-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4 PIN DIP RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
10
http://www.everlight.com
Document No
:DPC-0000135
Rev. 1
March 2, 2012
ELT302X Series
ELT305X Series
Tape & Reel Packing Specifications
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension(mm)
10.4±0.1
4.55±0.1
1.5±0.1
1.5±0.05
1.75±0.1
7.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension(mm)
4.0±0.1
12.0±0.1
2.0±0.1
0.33±0.1
16.0+0.3/
-0.1
4.55±0.1
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel


Similar Part No. - ELT3023S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT3023 EVERLIGHT-ELT3023 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - ELT3023S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com