Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT3083 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELT3083
Description  4 PIN DIP ZERO CROSS TRIAC DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT3083 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELT3083 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELT3083 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
4 PIN DIP ZERO CROSS TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No
:DPC-0000134
Rev. 1
March 2,2012
ELT304X Series
ELT306X Series
ELT308X Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
60
mA
Reverse voltage
VR
6
V
Power dissipation
PD
100
mW
Output
Off-state Output
Terminal Voltage
ELT304X
VDRM
400
V
ELT306X
600
ELT308X
800
Peak Repetitive Surge Current
ITSM
1
A
Power dissipation
PD
300
mW
Isolation voltage
*1
Viso
5000
V rms
Total power dissipation
PD
330
mW
Operating temperature
Topr
-55~+100
°C
Storage temperature
Tstg
-55~+125
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 are shorted together, and pins 3, 4 are
shorted together.
*2 For 10 seconds.


Similar Part No. - ELT3083

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT3083 EVERLIGHT-ELT3083 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - ELT3083

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Everlight Electronics C...
ELM304X EVERLIGHT-ELM304X Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com