Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-J21C1-0VPGS-C6500 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELSW-J21C1-0VPGS-C6500
Description  Small package with high efficiency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-J21C1-0VPGS-C6500 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELSW-J21C1-0VPGS-C6500 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-J21C1-0VPGS-C6500 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DATASHEET
SMD HP Shwo
1W Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001156
www.everlight.com
Luminous Flux Characteristics for the Shwo series
Color
Part Number
1W
Minimum Luminous Flux(lm)
or
Radiometric Power(mW)[1]
Drive Current
(mA)
ELSW – F81CX
80
350
ELSW – F91CX
90
350
ELSW – J11CX
100
350
ELSW– J21CX
110
350
ELSW– J31CX
120
350
ELSW– F81NX
80
350
ELSW– F91NX
90
350
ELSW –J11NX
100
350
ELSW– F61MX
60
350
ELSW– F71MX
70
350
ELSW – F81MX
80
350
ELSW – F91MX
90
350
ELSW – F51RX
52
350
ELSW – F61RX
60
350
ELSW– F41OX
45
350
ELSW– F51OX
52
350
ELSW– F61OX
60
350
ELSW– F41YX
45
350
ELSW– F71GX
70
350
ELSW– F81GX
80
350
ELSW– E61BX
13
350
ELSW– E71BX
17
350
ELSW– E81BX
20
350
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25
3.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet.
Red
Orange
Neutral
White
Green
Cool
White
Warm
White
Blue


Similar Part No. - ELSW-J21C1-0VPGS-C6500

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSW-J21M3-0LPGS-D3000 EVERLIGHT-ELSW-J21M3-0LPGS-D3000 Datasheet
1Mb / 35P
   Shwo
ELSW-J21M3-0LPGS-D3500 EVERLIGHT-ELSW-J21M3-0LPGS-D3500 Datasheet
1Mb / 35P
   Shwo
More results

Similar Description - ELSW-J21C1-0VPGS-C6500

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com