Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELW137 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # ELW137
Description  8 PIN DIP WIDE BODY HIGH SPEED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW137 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button ELW137 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 13Page - Everlight Electronics Co., Ltd ELW137 Datasheet HTML 14Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
10MBit/s LOGIC GATE PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http://www.everlight.com
Document No
:DPC-0000115
Rev. 1
June 23, 2011
ELW137
ELW26XX series
Recommended pad layout for surface mount leadform
Device Marking
Notes
6N137
denotes Device Number
Y
denotes 1 digit Year code
WW
denotes 2 digit Week code
V
denotes VDE (optional)
W137
YWWV
EL


Similar Part No. - ELW137

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - ELW137

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW135 EVERLIGHT-ELW135 Datasheet
608Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
   8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
ON Semiconductor
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Everlight Electronics C...
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com