Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELW2601 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELW2601
Description  8 PIN DIP WIDE BODY HIGH SPEED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW2601 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELW2601 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW2601 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
10MBit/s LOGIC GATE PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No
:DPC-0000115
Rev. 1
June 23, 2011
ELW137
ELW26XX series
Electrical Characteristics (Ta=-40 to 85°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.4
1.8
V
IF = 10mA
Reverse voltage
VR
5.0
-
-
V
IR = 100µA, TA=25
Temperature coefficient of
forward voltage
∆VF/∆TA
-
-1.9
-
mV/°C
IF =10mA
Input capacitance
CIN
-
70
-
pF
VF=0, f=1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
High level supply current
ICCH
-
6.5
10
mA
IF=0mA, VE=0.5V,
VCC=5.5V
Low level supply current
ICCL
-
8
13
mA
IF=10mA, VE=0.5V,
VCC=5.5V
High level enable current
IEH
-
- 0.6
-1.6
mA
VE=2.0V, VCC=5.5V
Low level enable current
IEL
-
- 0.8
-1.6
mA
VE=0.5V, VCC=5.5V
High level enable voltage
VEH
2.0
-
-
V
IF=10mA, VCC=5.5V
Low level enable voltage
*4
VEL
-
-
0.8
V
IF=10mA, VCC=5.5V
Transfer Characteristics
(Ta=-40 to 85°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
HIGH Level Output Current
IOH
-
2.1
100
uA
VCC=5.5V, VO=5.5V,
IF=250mA, VE=2.0V
LOW Level Output Current
VOL
-
0.35
0.6
V
VCC = 5.5V, IF=5mA,
VE=2.0V,
ICL(Sinking)=13mA
Input Threshold Current
IFT
-
3.0
5
mA
VCC= 5.5V, VO=0.6V,
VE=2.0V,
IOL(Sinking)=13mA


Similar Part No. - ELW2601

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW2601 EVERLIGHT-ELW2601 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - ELW2601

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW135 EVERLIGHT-ELW135 Datasheet
608Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
   8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
ON Semiconductor
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Everlight Electronics C...
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com