Electronic Components Datasheet Search |
|
ELW2601S(TA).(TB)-V Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd |
|
ELW2601S(TA).(TB)-V Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd |
2 / 14 page 8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER Everlight Electronics Co., Ltd. 2 http://www.everlight.com Document No :DPC-0000115 Rev. 1 June 23, 2011 ELW137 ELW26XX series Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Input Forward current IF 50 mA Enable input voltage Not exceed VCC by more than 500mV VE 5.5 V Reverse voltage VR 5 V Power dissipation PD 100 mW Output Power dissipation PC 85 mW Output current IO 50 mA Output voltage VO 7.0 V Supply voltage VCC 7.0 V Output Power Dissipation PO 100 mW Isolation voltage *1 VISO 5000 V rms Operating temperature TOPR -40 ~ +85 °C Storage temperature TSTG -55 ~ +125 °C Soldering temperature *2 TSOL 260 °C Notes *1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1 , 2 , 3 & 4 are shorted together, and pins 5 , 6 , 7 & 8 are shorted together. *2 For 10 second |
Similar Part No. - ELW2601S(TA).(TB)-V |
|
Similar Description - ELW2601S(TA).(TB)-V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |