Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2023 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # PEF2023
Description  ISDN DC Converter Circuit IDCC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEF2023 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button PEF2023 Datasheet HTML 6Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 7Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 8Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 9Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 10Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 11Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 12Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 13Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PEB 2023
PEF 2023
Overview
Semiconductor Group
10
08.97
In figure 3 the S-transformers are replaced by the PEB/F 3023 which is called S-Feeder.
When using the S-Feeder a capacitive coupling between S-receive-path and the S-
Transceiver is necessary. For the S-transmit-path the S-Feeder need an extra 2.4V
transmitter supply voltage. Because of the DC-voltage-drop on the S-Feeder (about 2V
and 4V) the input voltages V
RPM and VNPM must be increased (to about 42V and 44V).
Figure 3
PEB/F 2023 in ISDN-Concept
U
Transceiver
S
Transceiver
HDLC
Controller
DC/DC
Converter
PEB 2023
PEF 2023
AC/DC
Converter
CODEC
Interface
AC 230V
44V
NPM
40V
RPM
5V
µ.C.
S Feeder
PEB 3023
2.4V
reverse Polarity
Current
Limiter
Current
Limiter
Reset
Generator
S
U


Similar Part No. - PEF2023

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF20256E INFINEON-PEF20256E Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results

Similar Description - PEF2023

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
   ISDN DC-DC CONVERTER
20 January 1997
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
   ISDN Transformers DC/DC Converter
logo
Filtran LTD
TEP5606 FILTRAN-TEP5606 Datasheet
24Kb / 1P
   ISDN DC/DC Converter Transformer
TEP5844 FILTRAN-TEP5844 Datasheet
25Kb / 1P
   ISDN DC/DC Converter Transformer
logo
STMicroelectronics
GS5AC-40 STMICROELECTRONICS-GS5AC-40 Datasheet
65Kb / 4P
   ISDN AC-DC CONVERTER
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
   ISDN DC-DC CONVERTER FRENCH VERSION
June 1994
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
   DC-DC CONVERTER CONTROL CIRCUIT
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
   DC/DC CONVERTER CONTROL CIRCUIT
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
   DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com