Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-E81B1-0LPNM-CB7B8 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # ELSW-E81B1-0LPNM-CB7B8
Description  Small package with high efficiency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-E81B1-0LPNM-CB7B8 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 13Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 14Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
DATASHEET
SMD HP Shwo
1W Series
10
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001156
www.everlight.com
Product Binning
Luminous Flux Bins
Group
Bin
Minimum
Photometric
Flux (lm)
Maximum
Photometric
Flux (lm)
Group
Bin
Minimum
Photometric
Flux (lm)
Maximum
Photometric
Flux (lm)
E
1
4
5
J
1
100
110
2
5
6
2
110
120
3
6
8
3
120
130
4
8
10
4
130
140
5
10
13
5
140
150
6
13
17
6
150
160
7
17
20
7
160
180
8
20
23
8
180
200
9
23
27
9
200
225
F
1
27
33
K
1
225
250
2
33
39
2
250
275
3
39
45
3
275
300
4
45
52
4
300
325
5
52
60
5
325
350
6
60
70
6
350
375
7
70
80
7
375
400
8
80
90
8
400
425
9
90
100
9
425
450
N
1
450
475
2
475
500
3
500
525
4
525
550
Radiometric Power Bins
Group
Bin
Minimum
Radiometric
Power(mW)
Maximum
Radiometric
Power(mW)
Group
Bin
Minimum
Radiometric
Power(mW)
Maximum
Radiometric
Power(mW)
Q
1
0
25
R
1
350
425
2
25
50
2
425
500
3
50
75
3
500
600
4
75
100
4
600
700
5
100
125
5
700
800
6
125
175
6
800
900
7
175
225
7
900
1000
8
225
275
8
1000
1300
9
275
350
9
1300
1600


Similar Part No. - ELSW-E81B1-0LPNM-CB7B8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results

Similar Description - ELSW-E81B1-0LPNM-CB7B8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com