Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-XX1RX Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELSW-XX1RX
Description  Small package with high efficiency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-XX1RX Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELSW-XX1RX Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSW-XX1RX Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DATASHEET
SMD HP Shwo
1W Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001156
www.everlight.com
PN of the Shwo series: Color LEDs
The table below is a list of the binning options for the Everlight Shwo 1W series Color LED. Standard
Everlight color bins are listed according to wavelength and represent the standard primary colors of the
spectrum. Typical view angle is 120°
. These clearly listed binning options allow for proper design and
implementation into lighting applications. The Order Codes below are currently available Color Shwo LEDs.
For Example: If you order product using P/N
ELSW-F51R1-0LPNM-AR5R6, you will be specifying:
Color, Shwo series LEDs at 350mA are listed below.
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
Wavelength (nm)
Forward
Voltage(V)
*ELSW-F51R1-0LPNM-AR5R6
52
620~630
1.75~2.95
*ELSW-F61R1-0PPNM-AR5R6
60
620~630
1.75~2.95
ELSW-F51O1-0LPNM-AR3R4
52
610~620
1.75~2.95
ELSW-F61O1-0PPNM-AR3R4
60
610~620
1.75~2.95
ELSW-F41Y1-0LPNM-AA3A5
45
585~592.5
1.75~2.95
ELSW-F71G1-0LPNM-CG1G2
70
520~530
2.95~3.85
ELSW-F71G1-0LPNM-CG2G3
70
525~535
2.95~3.85
*ELSW-F81G1-0GPNM-CG1G2
80
520~530
2.95~3.85
*ELSW-E71B1-0LPNM-CB7B8
17
460~470
2.95~3.85
*ELSW-E81B1-0LPNM-CB7B8
20
460~470
2.95~3.85
*Product lead time of at least 8 weeks
Notes:
1.
Mechanical dimension and pad configuration of ELSW-F61R1-0PPNM-AR5R6 and
ELSW-F61O1-0PPNM-AR3R4, please refer to Page.21-22. Marked in red above.
2.
Each 1W direct color PN is based on the min. bin and includes four adjacent bins.
Color
Variant
Radiation
Pattern
Dominant
Wavelength
(nm)
Forward
Voltage
(V)
Minimum
Luminous Flux
(lm)
Red
Lambertian
620~625(R5)
625~630(R6)
1.75~2.05(U1)
2.05~2.35(U2)
2.35~2.65(U3)
2.65~2.95(U4)
52
Amber
Green
Red
Orange
Blue


Similar Part No. - ELSW-XX1RX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B3-0LPNM-DB6B8 EVERLIGHT-ELSW-E81B3-0LPNM-DB6B8 Datasheet
1Mb / 35P
   Shwo 3W Series
ELSW-E91B3-0LPNM-DB6B8 EVERLIGHT-ELSW-E91B3-0LPNM-DB6B8 Datasheet
1Mb / 35P
   Shwo 3W Series
ELSW-E91B3-0LPNM-DB6B8 EVERLIGHT-ELSW-E91B3-0LPNM-DB6B8 Datasheet
1Mb / 35P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
More results

Similar Description - ELSW-XX1RX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com