Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-3636M Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IRM-3636M
Description  Infrared Receiver Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-3636M Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRM-3636M Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-3636M Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-03-07 10:36:36.0
Infrared Receiver Control
Receiver Module
IRM-36xxM series
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DMO-0000128
Rev.3
January 25, 2011
Features
 High protection ability against EMI
 Circular lens for improved reception characteristics
 Available for various carrier frequencies
 Min burst length: 6 cycles
 Min gap length: 10 cycles
 Suitable for continuous code
 Low operating voltage and low power consumption
 Optimized immunity against TFT backlight interferences
 High immunity against ambient light
 Long reception range
 High sensitivity
 Pb free and RoHS compliant
Description
The IRM-36xxM series devices are miniature type
infrared receivers which have been developed and
designed by using the latest IC technology, specially
optimized to suppress interferences from TFT
backlight.
The photo diode and preamplifier are assembled onto
a lead frame and molded into an epoxy package
which operates as an IR filter.
The demodulated output signal can directly be
decoded by a microprocessor.
Applications
•AV equipment such as TV, VCR, DVD, CD, MD, etc.
•Short pause time protocols
•Toy applications
•CATV set top boxes
•Multi-media Equipment
•Other devices using IR remote control
Application Circuit
Block Diagram
The RC Filter must be connected as close as possible to
Vcc and GND pins.
Pin Configuration
1. OUT
2. GND
3. VCC
1 2 3


Similar Part No. - IRM-3636M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-3636M2 EVERLIGHT-IRM-3636M2 Datasheet
269Kb / 7P
   Infrared Receiver Module
IRM-3636M3 EVERLIGHT-IRM-3636M3 Datasheet
332Kb / 7P
   Infrared Receiver Module
More results

Similar Description - IRM-3636M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-37XXM EVERLIGHT-IRM-37XXM Datasheet
320Kb / 7P
   Infrared Receiver Control
IRM-36XXC EVERLIGHT-IRM-36XXC Datasheet
693Kb / 7P
   Infrared Receiver Control
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com