Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2047-N-16V2.1 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # PEF2047-N-16V2.1
Description  Memory Time Switch Large MTSL
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEF2047-N-16V2.1 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  PEF2047-N-16V2.1 Datasheet HTML 1Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 2Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 3Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 4Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 5Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 6Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 7Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 8Page - Siemens Semiconductor Group PEF2047-N-16V2.1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Semiconductor Group
5
03.95
Memory Time Switch Large
(MTSL)
PEB 2047
PEB 2047-16
Preliminary Data
CMOS IC
Type
Ordering Code
Package
PEB 2047-N V2.1
Q67100-H6238
P-LCC-44 (SMD)
PEF 2047-N-16 V2.1
Q67100-H6301
P-LCC-44 (SMD)
P-LCC-44
1Features
q
Non-blocking time/space switch for 2048-, 4096-, 8192- or
16 384-kbit/s PCM systems
q
Different modes programmable for input and output
separately
q
Configurable for a 4096-kHz, 8192-kHz or 16 384-kHz
device clock
q
Switching of up to 1024 incoming PCM channels to up to
1024 outgoing PCM channels
q
16 input and 8 output PCM lines
q
Tristate function for further expansion and tandem
operation
q
µP read-access to PCM data
q
Programmable clock shift with half clock step resolution for
input and output
q
Individual line delay measurement and clock shift
mechanism for 8 PCM inputs
q
Built-in selftest
q
8-bit Motorola or Intel type
µP interface
q
Constant or minimal channel-delay programmable on a per
time-slot basis
q
In-operation adjustment of bit-sampling without bit errors
q
Low power consumption
q
Single 5 V power supply
Important Note: All 16 384-MHz features described in this
data sheet are only available with the PEB 2047-16!


Similar Part No. - PEF2047-N-16V2.1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF20470 INFINEON-PEF20470 Datasheet
2Mb / 129P
   Switching IC
DS 1, Nov. 2001
PEF20471 INFINEON-PEF20471 Datasheet
3Mb / 167P
   Switching IC
DS 1, Nov. 2001
More results

Similar Description - PEF2047-N-16V2.1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
PEB2045 SIEMENS-PEB2045 Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Extech Instruments Corp...
375475 EXTECH-375475 Datasheet
128Kb / 1P
   Programmable Time Switch
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com