Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL05X09-000 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # CL05X09-000
Description  Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL05X09-000 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  CL05X09-000 Datasheet HTML 1Page - Wabash Transformer Inc. CL05X09-000 Datasheet HTML 2Page - Wabash Transformer Inc. CL05X09-000 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type HX Foot Mount - Steel bracket welded to the
bottom of the laminations for easy mounting
Type GX Panel Mount - 0.179” (4.55 mm) diameter
holes in each corner to allow direct mounting to a panel.
Lead Wires: All leads are 18 AWG stranded 2/64” (0.794 mm)
insulation thickness. Standard parts have 12” (305 mm)
total length with 1/2” (12.7 mm) strip.
Type BB Foot Mount, Pri & Sec on Same Side - Quick connect terminals
with line and load terminations on the same side of transformer.
Type AE Laydown, Pri & Sec on Top Side - Quick connect terminals
with line and load terminations on the top of transformer.
Type AB Foot Mount, Pri & Sec on Opposite Side - Quick connect terminals
with line and load terminations on opposite sides of transformer
Terminals:
Standard male quick connects - 0.250” x 0.032” (6.35 x 0.81 mm)
Other available quick connects - 0.187” x 0.032” (4.75 x 0.81 mm)
Dimensions (Inches)
10VA
15VA
20VA
30VA
5VA
A
1.660
1.660
1.760
1.790
2.160
B
0.500
0.500
0.625
0.625
1.000
Weight (Lbs)
0.710
0.740
0.889
0.968
1.260
Sales Office:
8
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Class 2 UL5085 -3 Transformer
5VA - 30VA, Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
Power Rating 5VA to 30VA with Lead wires
Power Rating 10VA to 30VA with Quick-Connect Terminals
No Secondary Fusing Required
Frequency 50/60Hz
Insulation Class F (155°C)
Agency Approvals:
UL/cUL 5085-3 Class 2 Recognized (File E49606)
Insulation File No. E95662
Class 2
* Multi voltage combinations are available - consult factory.
Any application, Any requirement, Contact us for our Custom Designs
Type HX - Foot Mount
Type GX - Panel Mount
Type AE - Laydown, Pri & Sec on Top Side
Type AB - Foot Mount, Pri & Sec on Opposite Side
Lead Wires
Quick-Connects
Type BB - Foot Mount, Pri & Sec on Same Side


Similar Part No. - CL05X09-000

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL05-12T AMMSEMI-CL05-12T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
American Microsemicondu...
CL05-15T AMMSEMI-CL05-15T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
YAGEO Corporation
CL0508KFX5R5BB121 YAGEO-CL0508KFX5R5BB121 Datasheet
902Kb / 13P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CL05X09-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com