Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB2120 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # PSB2120
Description  ISDN Remote Power Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2120 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  PSB2120 Datasheet HTML 1Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 2Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 3Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 4Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 5Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 6Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 7Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 8Page - Siemens Semiconductor Group PSB2120 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Semiconductor Group
2
P-DSO-24
P-DIP-22
Pin Configurations
(top view)
PSB 2120


Similar Part No. - PSB2120

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2121 SIEMENS-PSB2121 Datasheet
222Kb / 13P
   General-Purpose Power Controller
PSB2121-P SIEMENS-PSB2121-P Datasheet
222Kb / 13P
   General-Purpose Power Controller
PSB2121-T SIEMENS-PSB2121-T Datasheet
222Kb / 13P
   General-Purpose Power Controller
More results

Similar Description - PSB2120

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2025 SIEMENS-PEB2025 Datasheet
689Kb / 21P
   ISDN Exchange Power Controller
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
   ISDN SubscribernAccess Controller
logo
Infineon Technologies A...
PEB2426 INFINEON-PEB2426 Datasheet
345Kb / 30P
   Quad ISDN High Voltage Power Controller
06.99 DS 1
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
   RFID remote controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com