Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBQR42-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBQR42-HF
Description  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQR42-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBQR42-HF Datasheet HTML 1Page - Comchip Technology CDBQR42-HF Datasheet HTML 2Page - Comchip Technology CDBQR42-HF Datasheet HTML 3Page - Comchip Technology CDBQR42-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage CDBQR42/43-HF
CDBQR42-HF
CDBQR43-HF
CDBQR42-HF
CDBQR43-HF
IF = 10mA
IF = 200mA
IF = 50mA
IF = 2mA
IF = 15mA
VF
V
0.4
1
0.65
0.33
0.45
Reverse current
Capacitance between terminals
Reverse recovery time
VR = 25V
f = 1 MHz, and 1 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 ohm
IR
CT
Trr
uA
pF
nS
5
10
0.5
CDBQR42/43-HF
SMD Schottky Barrier Diode
QW-G1101
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Page 1
Typ
IO
IFSM
VR(RMS)
VR
VRM
IFRM
Repetitive peak forward current
Average forward rectified current
Reverse voltage
Peak reverse voltage
Forward current,surge peak
Symbol
Parameter
Conditions
Min
Max Unit
RMS reverse voltage
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
A
A
mA
V
V
V
4
0.5
200
21
30
30
TSTG
Tj
Storage temperature
Junction temperature
OC
OC
+125
+125
-55
PD
Power dissipation
Thermal resistance junction
to ambient air
mW
OC/W
125
667
R JA
REV:B
Features
-Low forward voltage.
-Designed for mounting on small surface.
-Extremely thin/leadless package.
-Majority carrier conduction.
Mechanical data
-Case: 0402
standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code:
CDBQR42-HF : BD
CDBQR43-HF : BE
-Mounting position: Any
-Weight: 0.001 gram(approx.).
/SOD-923F
Comchip Technology CO., LTD.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
0402/SOD-923F
Io = 200 mA
VR = 30 Volts
RoHS Device
Halogen Free


Similar Part No. - CDBQR42-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBQR42 COMCHIP-CDBQR42 Datasheet
194Kb / 4P
   SMD Schottky Barrier Diode
More results

Similar Description - CDBQR42-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com