Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074L-D14-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL074L-D14-T
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL074L-D14-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TL074L-D14-T Datasheet HTML 1Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 2Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 3Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 4Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 5Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 6Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 7Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 8Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R105-005. G
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage (Note 1)
VCC
±18
V
Input Voltage (Note 2)
VIN
±15
V
Differential Input Voltage (Note 3)
VI(DIFF)
±30
V
Power Dissipation
PD
680
mW
Output Short-Circuit Duration (Note 4)
Infinite
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-65 ~ 150
°C
Notes: 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between Vcc- and Vcc+.
2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
3. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
5. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.


Similar Part No. - TL074L-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL074L-D14-T UTC-TL074L-D14-T Datasheet
396Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074L-D14-T UTC-TL074L-D14-T Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results

Similar Description - TL074L-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_10 Datasheet
396Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com