Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-H8646 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67100-H8646
Description  General-Purpose Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H8646 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67100-H8646 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-H8646 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Semiconductor Group
6
DC-Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Oscillator / SYNC / OC
f
OSC = 20 kHz, RT = 39 kΩ± 1%, RD = 0 Ω, CT = 1 nF ± 1%
Initial accuracy TA = 25 ˚C
Voltage stability
Temperature stability
± 10
1
5
3
%
%
%
Max. frequency
f
max
200
250
kHz
R
T = 27 kΩ
C
T = 39 pF
Sawtooth peak voltage
Sawtooth valley voltage
V
S
V
S
3.0
1.6
3.2
1.8
V
V
H-sync output level
L-sync output level
V
SYNC H
V
SYNC L
2.4
3.5
0.2
5.25
0.8
V
V
I
L = − 0.5 mA
V
EXT = ≤ 6.3 V
I
L = 20 µA
Error Amplifier / EO /
V
P / VN
Input offset voltage
V
IO
310
mV
Input current
I
I
25
nA
Common mode range
CMR
1.8
4.5
V
DC open loop gain
G
VO
60
70
dB
Common mode rejection
k
CMR
60
70
dB
Unity gain bandwidth
f
0.5
1
MHz
C
L (pin) ≤ 10 pF
Supply voltage rejection
k
SVR
60
70
dB
H-output voltage
L-output voltage
V
OH
V
OL
4
5.5
0.02
1
V
V
I
L = – 100 µA
I
L = 10 µA
Current Limit Comparator
I
P / IN,
T
A = 25 ˚C
Sense voltage
V
Sense
85
100
115
mV
V
S = 40 V
Input bias current
I
I
0
100
nA
Input voltage range
V
I
01
V
Response time
(signal at GA)
t
Res
12
µs
I
N = 0 V
I
P = 0 → 200 mV
PSB 2121


Similar Part No. - Q67100-H8646

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H8645 SIEMENS-Q67100-H8645 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
More results

Similar Description - Q67100-H8646

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
GPC150 ETC-GPC150 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
Holtek Semiconductor In...
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
logo
Linear Technology
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
   General Purpose Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
   General Purpose Isolated Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com