Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA13 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # PZTA13
Description  NPN Silicon Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZTA13 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  PZTA13 Datasheet HTML 1Page - Siemens Semiconductor Group PZTA13 Datasheet HTML 2Page - Siemens Semiconductor Group PZTA13 Datasheet HTML 3Page - Siemens Semiconductor Group PZTA13 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
PZTA 13
PZTA 14
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 100
µA
V(BR)CES
30
nA
µA
Collector-base cutoff current
VCE = 30 V, IE = 0
VCE = 30 V, IE = 0, TA = 150 ˚C
ICB0
100
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
10
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VCEsat
1.5
DC current gain
IC = 10 mA, VCE = 5 V
PZTA 13
PZTA 14
IC = 100 mA, VCE = 5 V
PZTA 13
PZTA 14
hFE
5000
10000
10000
20000
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
fT
125
AC characteristics
Collector-base breakdown voltage
IC = 100
µA, IB = 0
V(BR)CB0
30
nA
Emitter-base cutoff current
VEB = 10 V, IC = 0
IEB0
100
Base-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VBEsat
2.0
1)
Pulse test conditions: t
300 µs, D = 2 %.


Similar Part No. - PZTA13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PZTA13 FAIRCHILD-PZTA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Infineon Technologies A...
PZTA13 INFINEON-PZTA13 Datasheet
42Kb / 4P
   NPN Silicon Darlington Transistors
Nov-30-2001
More results

Similar Description - PZTA13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com