Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ-10G-B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # DZ-10G-B
Description  Common Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10G-B Datasheet(HTML) 3 Page - Omron Electronics LLC

  DZ-10G-B Datasheet HTML 1Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 2Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 3Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 4Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 5Page - Omron Electronics LLC DZ-10G-B Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Z/A/X/DZ Common Accessories
179
■ Actuators
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
2. These Actuators are not provided with Switches.
60R
Two, M4
Two, M4 30
Stainless steel
Hinge Lever
ZAA-1
Note: This Actuator can be used with the Z-15G(-B)
and X-10G(-B). When mounting the Switch, set
the overtravel to between 32% and 100%, taking
into consideration the operating body and the dis-
tance between the Actuator and the dog.
Model
Z-15G-B
X-10G-B
OF max.
RF min.
PT max.
OT min.
MD max.
500 gf
170 gf
6 mm
12.7 mm
2.2 mm
500 gf
170 gf
6 mm
12.7 mm
3.3 mm
FP max.
32.9
±1.6 mm
58.5R
Two, M4
Two, M4 30
Stainless steel
9.5 dia. 4.8
(stainless-steel roller)
Hinge Roller Lever
ZAA-2
Note: This Actuator can be used with the Z-15G(-B)
and X-10G(-B). When mounting the Switch, set
the overtravel to between 32% and 100%, taking
into consideration the operating body and the
distance between the Actuator and the dog.
Model
Z-15G-B
X-10G-B
OF max.
RF min.
PT max.
OT min.
MD max.
500 gf
170 gf
6 mm
12.7 mm
2.2 mm
500 gf
170 gf
6 mm
12.7 mm
3.3 mm
FP max.
44.5
±1.6 mm
48
OP
PT
20.7
1.6
23.3
±0.25
23.9
4.8
20.7
11.9
49.2
25.4
±0.2
18.9
12.7 dia. (Note 1)
(Note 2)
(Note 3)
14.5
dia.
M12 1 mounting
screw
Spring washer
Note: 1. Stainless-steel pin plunger
2. Bronze frame
3. Incomplete screw section part
with a maximum of 1.5 mm.
Two, M4 25
screws
Two hex nuts
5-mm thickness, 19 mm
between opposing edges
With groove for roller
penetration
Panel Mount Roller Lever
ZAQ-22
Note: This Actuator (panel mount roller
plunger) can be used with
standard pin plungers (Z-15G(-B),
Z-15E(-B), and DZ-10G-1A(-1B)).
The ZAQ-22 is constructed of
ferrous material. Therefore, It
cannot be used with X switches
due to the permanent magnet used
within those models.
Model
ZAQ-22
Z-15E-B
DZ-10G-B
OF max.
RF min.
PT max.
OT min.
MD max.
850 gf
114 gf
2 mm
3.58 mm
0.15 mm
1,131 gf
114 gf
2 mm
1 mm
0.46 mm
OP
37
±0.8 mm 35.4±1.2 mm


Similar Part No. - DZ-10G-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
DZ-10G-1B OMRON-DZ-10G-1B Datasheet
1Mb / 8P
   Special-purpose Basic Switch
More results

Similar Description - DZ-10G-B

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com