Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA64 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # PZTA64
Description  PNP Silicon Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZTA64 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  PZTA64 Datasheet HTML 1Page - Siemens Semiconductor Group PZTA64 Datasheet HTML 2Page - Siemens Semiconductor Group PZTA64 Datasheet HTML 3Page - Siemens Semiconductor Group PZTA64 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
PZTA 63
PZTA 64
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 100
µA
V(BR)CES
30
nA
µA
Collector-base cutoff current
VCE = 30 V, IE = 0
VCE = 30 V, IE = 0, TA = 150 ˚C
ICB0
100
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
10
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VCEsat
1.5
DC current gain
IC = 10 mA, VCE = 5 V
PZTA 63
PZTA 64
IC = 100 mA, VCE = 5 V
PZTA 63
PZTA 64
hFE
5000
10000
10000
20000
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
fT
125
AC characteristics
Collector-base breakdown voltage
IC = 100
µA, IB = 0
V(BR)CB0
30
nA
Emitter-base cutoff current
VEB = 10 V, IC = 0
IEB0
100
Base-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VBEsat
2.0
1)
Pulse test conditions: t
300 µs, D = 2 %.


Similar Part No. - PZTA64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA64 PHILIPS-PZTA64 Datasheet
51Kb / 8P
   PNP Darlington transistor
1997 Jun 20
logo
Fairchild Semiconductor
PZTA64 FAIRCHILD-PZTA64 Datasheet
46Kb / 3P
   PNP Darlington Transistor
PZTA64 FAIRCHILD-PZTA64 Datasheet
645Kb / 14P
   PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
PZTA64 JIANGSU-PZTA64 Datasheet
210Kb / 1P
   TRANSISTOR (PNP)
logo
Motorola, Inc
PZTA64T1 MOTOROLA-PZTA64T1 Datasheet
170Kb / 6P
   PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
More results

Similar Description - PZTA64

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com