Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0103MA,116 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # Z0103MA,116
Description  Logic level four-quadrant triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA,116 Datasheet(HTML) 2 Page - NXP Semiconductors

  Z0103MA,116 Datasheet HTML 1Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 2Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 3Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 4Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 5Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 6Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 7Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 8Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Z0103MA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 18 March 2011
2 of 13
NXP Semiconductors
Z0103MA
4Q Triac
2.
Pinning information
3.
Ordering information
Static characteristics
IGT
gate trigger
current
VD =12 V; IT = 0.1 A; T2+ G+;
Tj =25°C; see Figure 7
--3
mA
VD =12 V; IT = 0.1 A; T2+ G-;
Tj =25°C; see Figure 7
--3
mA
VD =12 V; IT = 0.1 A; T2- G-;
Tj =25°C; see Figure 7
--3
mA
VD =12 V; IT = 0.1 A; T2- G+;
Tj =25°C; see Figure 7
--5
mA
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
T2
main terminal 2
SOT54 (TO-92)
2
G
gate
3
T1
main terminal 1
1
2
3
sym051
T1
G
T2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
Z0103MA
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54


Similar Part No. - Z0103MA,116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103MA PHILIPS-Z0103MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Similar Description - Z0103MA,116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com