Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109MN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # Z0109MN
Description  Logic level four-quadrant triac
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0109MN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button Z0109MN_11 Datasheet HTML 6Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 7Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 8Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 9Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 10Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 11Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 12Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 13Page - NXP Semiconductors Z0109MN_11 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Z0109MN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 05 — 22 March 2011
10 of 15
NXP Semiconductors
Z0109MN
4Q Triac
Fig 13. Normalized gate trigger voltage as a function of
junction temperature
Fig 14. Normalized critical rate of rise of off-state
voltage as a function of junction temperature;
typical values
Tj (°C)
-50
150
100
050
003aaa209
0.8
0.4
1.2
1.6
0
VGT(25°C)
VGT
1.6
1.2
0.8
0.4
0
A
0
50
100
150
Tj (°C)
003aaa208


Similar Part No. - Z0109MN_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
Z0109MNT1G ONSEMI-Z0109MNT1G Datasheet
182Kb / 8P
   Sensitive Gate Triac Series Silicon Bidirectional Thyristors
June, 2009 ??Rev. 3
More results

Similar Description - Z0109MN_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com