Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0220100ZCO Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z0220100ZCO
Description  MODEM EVALUATION KIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z0220100ZCO Datasheet(HTML) 1 Page - Zilog, Inc.

  Z0220100ZCO Datasheet HTML 1Page - Zilog, Inc. Z0220100ZCO Datasheet HTML 2Page - Zilog, Inc. Z0220100ZCO Datasheet HTML 3Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CP97FMO0501
P R E L I M I N A R Y
1
1
PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
Z0220100ZCO
1
MODEM EVALUATION KIT
FEATURES
s
Supported Devices
s
Z02201 Modem Evaluation Board Includes:
Supported Protocols: V.22bis, V.22, V.21, V.23, Bell
103, Bell 212A
AT
Commands
for
Modem
Control
and
Configuration
Shipped with North America-style DAA
Socket for DAA Module Allows User-Defined DAA
Eye Pattern Port
One RS-232C Serial Port with DB25 Connectors
s
User Manual for Demonstration Board
s
“Diplomat” PC-based Configuration Utility to Allow
Configuration of Modem Controller Code for Worldwide
Country Support
s
Object
Code
to
be
Modified
by
the
Diplomat
Configuration Utility
GENERAL DESCRIPTION
The Modem Evaluation Kit (Z0220100ZCO) is a general-
purpose platform that allows users to evaluate the capabil-
ities and operation of the Z02201 Modem DSP and Analog
Front End, and the Z02205 Modem controller. The kit con-
tains an assembled circuit board, software, and documen-
tation to support software and hardware development for
low speed embedded modem applications.
The demonstration board provides connections to the
phone network (RJ11) and to a PC (RS232). Eye pattern
output allows the display of the modem signal on an X-Y
oscilloscope. LED indicators provide a visual display of
various modem signals. A speaker provides an audible
monitor of modem handshake and dialing tones.
The Diplomat PC-based Configuration utility allows the
user to configure modem controller code to meet the re-
quirements in various countries. Look-up tables are provid-
ed that enable modification of dial modifiers and call
progress parameters to accommodate the needs of vari-
ous phone networks.
SPECIFICATIONS
Dimensions
Approximately 5 inches by 7 inches
Power Requirements
+12V AC
±5%, 1 A (typical)
Serial Interface
RS-232C
Environmental Operating Conditions
Operating Temperature: +20
°C ±10°C
Relative Humidity: 10-90%, non-condensing
Part Number
Package Type
Z02201
44-Pin PLCC
Z02205
28-Pin SOIC


Similar Part No. - Z0220100ZCO

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z02201 ZILOG-Z02201 Datasheet
1Mb / 77P
   V.22BIS Data Pump with INTEGRATED AFE
Z02201 ZILOG-Z02201 Datasheet
140Kb / 5P
   V.22BIS Data Pump with INTEGRATED AFE
Z0220112VECR3470 ZILOG-Z0220112VECR3470 Datasheet
140Kb / 5P
   V.22BIS Data Pump with INTEGRATED AFE
Z0220112VECR3470T ZILOG-Z0220112VECR3470T Datasheet
140Kb / 5P
   V.22BIS Data Pump with INTEGRATED AFE
Z0220112VECR3470TR ZILOG-Z0220112VECR3470TR Datasheet
140Kb / 5P
   V.22BIS Data Pump with INTEGRATED AFE
More results

Similar Description - Z0220100ZCO

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z02215ZCO ZILOG-Z02215ZCO Datasheet
66Kb / 6P
   Z02215 MODEM EVALUATION KIT
logo
Radiometrix Ltd
SPM RADIOMETRIX-SPM Datasheet
292Kb / 7P
   SpacePort Modem Evaluation Kit
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com