Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C515A Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SAB80C515A
Description  8-Bit CMOS Single-Chip Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C515A Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SAB80C515A Datasheet HTML 3Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 9Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 10Page - Siemens Semiconductor Group SAB80C515A Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
SAB 80C515A/83C515A-5
Semiconductor Group
6
Pin Definitions and Functions
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function
P4.0-P4.7 1-3, 5-9
72-74,
76-80
I/O
Port 4
is an 8-bit bidirectional I/O port with internal
pull-up resistors. Port 4 pins that have 1’s writ-
ten to them are pulled high by the internal pull-
up resistors, and in that state can be used as
inputs. As inputs, port 4 pins being externally
pulled low will source current (I IL, in the DC
characteristics) because of the internal pull-up
resistors.
P4 also contains the external A/D converter
control pin. The output latch corresponding to
a secondary function must be programmed to
a one (1) for that function to operate. The sec-
ondary function assigned to port 6:
ADST(P4.0): external A/D converter start
pin
PE/SWD
4
75
I
Power saving mode enable/Start Watch-
dog Timer
A low level on this pin allows the software to
enter the power down, idle and slow down
mode. In case the low level is also seen during
reset, the watchdog timer function is off on de-
fault.
Use of the software controlled power saving
modes is blocked, when this pin is held on
high level. A high level during reset performs
an automatic start of the watchdog timer im-
mediately after reset.
When left unconnected this pin is pulled high
by a weak internal pull-up resistor.
RESET
10
1
I
Reset pin
A low level on this pin for the duration of two
machine cycles while the oscillator is running
resets the SAB 80C515A. A small internal
pullup resistor permits power-on reset using
only a capacitor connected to VSS
VAREF1
11
3
Reference voltage for the A/D converter
VAGND
12
4
Reference ground for the A/D converter


Similar Part No. - SAB80C515A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
logo
Siemens Semiconductor G...
SAB80C515A SIEMENS-SAB80C515A Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
SAB80C515A-5 SIEMENS-SAB80C515A-5 Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
More results

Similar Description - SAB80C515A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com